Part Number Hot Search : 
645ET 2SJ549S 6KE100A T90TP T54FCT K3520 AD7651 MBI10
Product Description
Full Text Search
 

To Download 54HC4046RP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEi - Radiation Hardened
54HC4046RP
Phase-Locked Loop
Features
*RAD-PAK(R) Technology Hardened Against Natural Space Radiation *Total Dose Hardness >100 krad (Si) *Low Power Phase Lock Loop *Package: -16 Pin RAD-PAK(R) Flat Package -16 Pin RAD-PAK(R) DIP *Low Dynamic Power Consumption - VCC = 4.5V *Maximum VCO Operating Frequency - 12 MHz (VCC = 4.5V) *Fast Comparator Response Time (VCC = 4.5V) - Comparator I: 25 ns - Comparator II: 30 ns - Comparator III: 25 ns *Screening per TM 5004 *QCI per TM5005
S Ei's 54HC4046RP (RP for RAD-PAK ) high speed Phase Lock Loop microcircuit features a 100 kilorad (Si)
(R)
total dose tolerance. This device uses advanced CMOS technology to obtain high frequency operation. The 54HC4046RP contains a low power linear voltage controlled oscillator (VCO), a source follower, and three phase comparators. The three phase comparators have a common signal input and a common comparator input. The signal input has a self biasing amplifier allowing signals to be either capacitively coupled to the phase comparators with a small signal or directly coupled with standard input logic levels. Any one of the three comparators feeds an external filter network, which in turn feeds the VCO input. This input is a very high impedance CMOS input that also drives the source follower. An inhibit pin is provided to disable the VCO and the source follower, providing a method of putting the IC in a low power state. Capable of surviving space environments, the 54HC4046RP is ideal for many satellite, spacecraft, and space probe missions. The radiation hardened RADPAK(R) technology incorporates radiation shielding in the microcircuit package. The 54HC4046RP is available in Class S packaging and screening.
Specifications and design are subject to change without notice.
1
--9.9--
4031 Sorrento Valley Blvd. San Diego, CA 92121 (619) 452-4167 Fax (619) 452-5499 Email: sales@spaceelectronics.com http://www.spaceelectronics.com
SEi - Radiation Hardened
54HC4046RP ABSOLUTE MAXIMUM RATINGS 1/ 2/
PARAMETER Supply Voltage DC Input Voltage DC Output Voltage Clamp Diode Current DC Output Current, per pin DC V CC or GND Current, per pin Storage Temperature Range Power Dissipation SYMBOL MIN MAX UNIT
54HC4046RP
54HC4046RP OPERATING CONDITIONS
SYMBOL VCC VIN, VOUT TA tr, tf 0 0 0 1000 500 400 ns MIN +2.0 0 -55 MAX +6.0 VCC +125 UNIT V V oC
Phase-Locked Loop
PARAMETER Supply Voltage DC Input or Output Voltage Operating Temperature Range Input Rise or Fall Times VCC = 2.0V VCC = 4.5V VCC = 6.0V
VCC VIN VOUT IIK, IOK IOUT ICC TSTG PD
-0.5 -0.5 -0.5
+7.0
VCC+0.5 VCC+0.5
20 +25 50 -65 +150 500
V V V mA mA mA C mW
o
Note: 1/ Maximum Ratings are those values beyond which damage to the device may occur. 2/ All voltages are referenced to ground, unless otherwise specified.
54HC404SRP DC ELECTRICAL CHARACTERISTICS1
PARAMETER Minimum High Level Input Voltage VCC = 2.0V VCC = 4.5V VCC = 6.0V Maximum Low Level Input Voltage VCC = 2.0V VCC = 4.5V VCC = 6.0V Minimum High Level Output Voltage VIN = VIH or VIL |IOUT| 20uA VCC = 2.0V VCC = 4.5V VCC = 6.0V VIN=VIH or VIL |IOUT| 4.0mA @V CC = 4.5V |IOUT| 5.2mA @V CC = 6.0V Maximum Low Level Output Voltage VIN = VIH or VIL |IOUT| 20uA VCC = 3.0V VCC = 4.5V VCC = 6.0V VIN = VIH or VIL |IOUT| 4.0mA @V CC = 4.5V |IOUT| 5.2mA @V CC = 6.0V Input Current VIN=VCC or GND @VCC=6.0V Pin 3, 5, 9 Pin 14 Maximum Tri-State Output Leakage Current (pin 13) VOUT = V CC or GND @ VCC = 6.0V Maximum Quiescent Supply Current VIN = VCC or GND , IOUT = 0uA, @VCC = 6.0V VIN = VCC or GND, Pin 14 Open, @V CC = 6.0V SYMBOL VIH 1.5 3.15 4.2 VIL 0.5 1.35 1.8 VOH 2.0 4.5 6.0 4.2 5.7 VOL 0.1 0.1 0.1 0.4 0.4 IIN +1.0 100 IOZ +10 ICC 30 600 160 3000 uA uA uA V 1.9 4.4 5.9 3.7 5.2 V V V TYP MAX UNIT
Note: 1. For a power supply of 5V 10% the worst case output voltages (V OH and VOL) occur at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. The worst case leakage current (I IN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
2
4031 Sorrento Valley Blvd. San Diego, CA 92121 (619) 452-4167 Fax (619) 452-5499 Email: sales@spaceelectronics.com http://www.spaceelectronics.com
--9.9--
SEi - Radiation Hardened
PARAMETER
AC Coupled Input Sensitivity, Signal In C(series) = 100 pF, fIN = 500 kHz VCC = 2.0V VCC = 4.5V VCC = 6.0V Maximum Output Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V
54HC4046RP
MAX UNIT
Phase-Locked Loop
54HC4046RP AC ELECTRICAL CHARACTERISTICS 2/ SYMBOL TYP 3/
200 250 350 tr, tf 110 22 19 tPHL, tPLH 300 60 51 tPZL 340 68 57 tPZH, tPHZ 360 72 61 tPLZ 360 72 61 tPHL, tPLH 380 75 64 tPHL, tPLH 300 60 51 CPD 130
mV
ns
PHASE COMPARATOR I
Maximum Propagation Delay VCC = 2.0V VCC = 4.5V VCC = 6.0V ns
PHASE COMPARATOR II
Maximum Tri-State Enable Time VCC = 2.0V VCC = 4.5V VCC = 6,0V Maximum Tri-State Enable Time VCC = 2.0V VCC = 4.5V VCC = 6,0V Maximum Tri-State Disable Time VCC = 2.0V VCC = 4.5V VCC = 6,0V Maximum Propagation Delay High to Low to Phase Pulses VCC = 2.0V VCC = 4.5V VCC = 6,0V ns
ns
ns
ns
PHASE COMPARATOR III
Maximum Propagation Delay VCC = 2.0V VCC = 4.5V VCC = 6.0V Maximum Power Dissipation Capacitance All comparators, V IN = VCC and GND Maximum Operating Frequency C1 = 50pF, R1 = 100 , R2 = VCC = 4.5V VCC = 6.0V VCOin = VCC, C1 = 0pF, R1 = 100 , VCOin = V CC VCC = 4.5V VCC = 6.0V Duty Cycle ns
pF
VOLTAGE CONTROLLED OSCILLATOR (operate @ VCC = 3.0v to 6.0V)
fMAX 7 11 12 14 50 1.6 MHz
% V
DEMODULATOR OUTPUT
Offset Voltage (VCOin - Vdem) RS = 20k , VCC = 4.5V Offset Variation RS = 20k , VCC = 4.5V VCOin = 1.75V VCOin = 2.25V VCOin = 2.75V Note: 2/ VCC = 2.0 to 6.0V, CL = 50pF, tr = tf = 6ns (unless otherwise specified.) 3/ TA = 25oC.
0.65 0.1 0.75
V
3
4031 Sorrento Valley Blvd. San Diego, CA 92121 (619) 452-4167 Fax (619) 452-5499 Email: sales@spaceelectronics.com http://www.spaceelectronics.com
--9.9--
SEi - Radiation Hardened
54HC4046RP
Phase-Locked Loop
54HC4046RP Package Ordering Guide
Package Style D F
Case Outline D-16 F-16A
Description 16 Pin Dual In Line Package 16 Pin Flat Package
Note: 1/ For outline information, see Appendix A (Package Information - Outline Dimension)
54HC4046RP PINOUT
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 SIGNAL PHASE PULSES COMPARATOR IN VCO OUT INHIBIT C1A C1B VSS VCO IN R1 R2 SIGNAL IN VDD DESCRIPTION Phase Comparator Pulse Output Comparator Input VCO Output Inhibit Input Capacitor C1 Connection A Capacitor C1 Connection B Ground VCO Input Resistor R1 Connection Resistor R2 Connection Signal Input Positive Supply Voltage
PHASE COMP 1 OUT Phase Comparator 1 Output
DEMODULATOR OUT Demodulator Output
PHASE COMP II OUT Phase Comparator 2 Output PHASE COMP III OUT Phase Comparator 3 Output
4
4031 Sorrento Valley Blvd. San Diego, CA 92121 (619) 452-4167 Fax (619) 452-5499 Email: sales@spaceelectronics.com http://www.spaceelectronics.com
--9.9--
SEi - Radiation Hardened
54HC4046RP
Phase-Locked Loop
5
4031 Sorrento Valley Blvd. San Diego, CA 92121 (619) 452-4167 Fax (619) 452-5499 Email: sales@spaceelectronics.com http://www.spaceelectronics.com
--9.9--
SEi - Radiation Hardened
54HC4046RP
Phase-Locked Loop
6
4031 Sorrento Valley Blvd. San Diego, CA 92121 (619) 452-4167 Fax (619) 452-5499 Email: sales@spaceelectronics.com http://www.spaceelectronics.com
--9.9--
SEi - Radiation Hardened
54HC4046RP
Phase-Locked Loop
7
4031 Sorrento Valley Blvd. San Diego, CA 92121 (619) 452-4167 Fax (619) 452-5499 Email: sales@spaceelectronics.com http://www.spaceelectronics.com
--9.9--
SEi - Radiation Hardened
54HC4046RP
Phase-Locked Loop
8
4031 Sorrento Valley Blvd. San Diego, CA 92121 (619) 452-4167 Fax (619) 452-5499 Email: sales@spaceelectronics.com http://www.spaceelectronics.com
--9.9--
SEi - Radiation Hardened
54HC4046RP
Phase-Locked Loop
9
4031 Sorrento Valley Blvd. San Diego, CA 92121 (619) 452-4167 Fax (619) 452-5499 Email: sales@spaceelectronics.com http://www.spaceelectronics.com
--9.9--


▲Up To Search▲   

 
Price & Availability of 54HC4046RP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X